Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR1040 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # DR1040
Description  Shielded power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR1040 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  DR1040 Datasheet HTML 1Page - Eaton All Rights Reserved. DR1040 Datasheet HTML 2Page - Eaton All Rights Reserved. DR1040 Datasheet HTML 3Page - Eaton All Rights Reserved. DR1040 Datasheet HTML 4Page - Eaton All Rights Reserved. DR1040 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4147
Effective April 2016
DR1040
Shielded power inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1
(μH) ±30%
I
rms
2
(A)
I
sat
2
(A)
DCR (mΩ)
typical
@ 20°C
DCR (mΩ)
maximum
@ 20°C
K-factor4
DR1040-1R5-R
1.35
6.5
10
6.0
8.1
15.5
DR1040-2R5-R
2.4
6.1
7.8
7.0
9.0
12.0
DR1040-3R8-R
3.6
5.5
6.4
9.6
13
9.9
DR1040-5R2-R
5.2
5.4
5.5
14
17
8.3
DR1040-7R0-R
6.8
4.5
4.8
17
20
7.2
DR1040-8R2-R
8.1
3.98
4.6
24
29
6.4
DR1040-100-R
9.6
3.8
4.4
26
35
5.7
DR1040-150-R
14.9
3.1
3.6
37
50
4.7
DR1040-220-R
21.1 ±20%
2.5
2.9
54
73
4.0
DR1040-330-R
32.6
2.2
2.45
69
93
3.3
DR1040-470-R
45.8
1.9
2.1
95
128
2.8
DR1040-680-R
65.3
1.42
1.65
152
183
2.3
DR1040-820-R
87
1.29
1.47
214
260
2.0
DR1040-101-R
101
1.25
1.35
225
304
1.9
DR1040-151-R
148
0.85
1.15
356
430
1.6
DR1040-221-R
216
0.70
0.92
530
640
1.3
DR1040-331-R
323
0.52
0.70
810
1090
1.0
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 Vrms, 0.0 Adc, +25 ºC
2. Irms: DC current for an approximate temperature rise of 30 ºC without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed 125 ºC under worst case operating
conditions verified in the end application.
3. Isat: Peak current for approximately 35% rolloff @ +25 ºC
4. K-factor: K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (mT), K:
(K-factor from table), L: (Inductance in μH), ΔI (Peak to peak ripple current in Amps)..
5. Part Number Definition: DR1040-xxx-R
DR1040 = Product code and size
-xxx= inductance value in μH, R= decimal point,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant
Dimensions (mm)
Part marking: inductance value in uH. R = decimal point. If no R is present then last character equals number of zeroes.
wwlly = date code, R = revision level
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com