Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP3
Description  High current, low profile inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP3 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP3 Datasheet HTML 1Page - Eaton All Rights Reserved. FP3 Datasheet HTML 2Page - Eaton All Rights Reserved. FP3 Datasheet HTML 3Page - Eaton All Rights Reserved. FP3 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
4118
Effective October 2015
FP3
High current, low profile inductors
www.eaton.com/elx
Inductance characteristics
OCL vs. Isat
0
10
20
30
40
50
60
70
80
90
100
020406080100
120140
160180
200
% of Isat
Frequency (kHz)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
250500 750100012501500175020002250
Bp-p (Gauss)
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0.12 0.24 0.36 0.48 0.61 0.73 0.85 0.97 1.09 1.21 1.33 1.45 1.57
Total Loss (W)
Core loss
Temperature rise vs. total loss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com