Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049UB Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4049UB
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049UB Datasheet(HTML) 2 Page - Silicon Supplies

  CD4049UB Datasheet HTML 1Page - Silicon Supplies CD4049UB Datasheet HTML 2Page - Silicon Supplies CD4049UB Datasheet HTML 3Page - Silicon Supplies CD4049UB Datasheet HTML 4Page - Silicon Supplies CD4049UB Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4049UB
Rev 1.0
18/09/18
Pad Layout and Functions
Logic Diagram
Schematic (1/6 of circuit)
1524µm (60 mils)
0,0
6
1
2
3
4
5
7
8
9
10
11
12
13
14
DIE ID
PAD
FUNCTION
1
VDD
2
G = A
3
A
4
H = B
5
B
6
I = C
7
C
8
VSS
9
D
10
J = D
11
E
12
K = E
13
F
14
L = F
CONNECT CHIP BACK TO VDD OR FLOAT
Pad 1 = VDD
Pad 8 = VSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com