Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP4 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP4
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP4 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP4 Datasheet HTML 1Page - Eaton All Rights Reserved. FP4 Datasheet HTML 2Page - Eaton All Rights Reserved. FP4 Datasheet HTML 3Page - Eaton All Rights Reserved. FP4 Datasheet HTML 4Page - Eaton All Rights Reserved. FP4 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4119
Effective December 2015
FP4
High current power inductors
www.eaton.com/elx
Product specifications
Part number5
OCL1 (μH)
±15%
lrms2 (amps)
lsat3 (amps)
DCR (Ω) typical
@ 20°C
DCR (Ω) maximum
@ 20°C
Volt-μsec4
(V-usec)
FP4-100-R
0.100
40
64
0.00038
0.00065
1.33
FP4-120-R
0.120
40
54
0.00038
0.00065
1.33
FP4-150-R
0.150
40
42
0.00038
0.00065
1.33
FP4-200-R
0.200
40
30
0.00038
0.00065
1.33
1. Open Circuit Inductance (OCL) Test parameters: 1MHz, 0.100Vrms, 0.0Adc @20°C.
2. Irms: DC current for an approximate ΔT of 40°C without core loss. Derating is necessary for AC
currents. PCB layout, trace thickness and width, airflow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 155°C.
3. Isat : Peak current for approximately 30% rolloff @ +20ºC.
4. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
500kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise.
5. Part Number Definition: FP4-xxx-R
FP4 = Product code and size
xxx= Inductance value in uH, R= decimal point
-R suffix = RoHS compliant
Dimensions–mm
Packaging information (mm)
Supplied in tape and reel packaging, 900 parts per 13” diameter reel.
Part number5
OCL1 (μH)
±15%
lrms2 (amps)
lsat3 (amps)
DCR (mΩ) @25°C
Volt-μsec4 (V-usec)
FP4-090SK-R
0.090
33
72
0.423-0.517
1.33
1. Open Circuit Inductance (OCL) Test parameters: 100kHz, 1.0Vrms, 0.0Adc @25°C.
2. Irms: DC current for an approximate ΔT of 40°C without core loss. Derating is necessary for
AC currents. PCB layout, trace thickness and width, airflow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 155°C.
3. Isat : Peak current for approximately 20% rolloff @ +25ºC.
4. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
500kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise.
5. Part Number Definition: FP4-xxxSK-R
FP4, SK = Product code and size
xxx= Inductance value in uH, R= decimal point
-R suffix = RoHS compliant
1.0 min.
(2x)
10.20
Max
5.00 Max
1.30 ref.
(2x)
A
6.80
Max
2
1
10.50
2.50 (2x)
2
1
4.50 (2x)
Ø1.50 Min.
12.0
Ø1.50 +0.1/-0.0
R0.30 Max.
1.75±0.10
11.50±0.1
24.00
±
0.3
R0.50 Typ.
Ao
4.00
2.00 ±0.1
Bo
0.35 ±0.05
Ko
User direction of feed
A
A
SECTION A-A
Ao=7.20mm
Bo=10.60mm
Ko=5.40mm
RECOMMENDED PAD LAYOUT
SIDE VIEW
TOP VIEW
FRONT VIEW
SCHEMATIC
Part Number
Dimension “A”
(mm) ref.
FP4-100-R
3 .0
FP4-120-R
3 .0
FP4-150-R
3 .0
FP4-200-R
3 .0
FP4-090SK-R
2 .8
Part marking:
FP4-xxx (FP4=Product code and size),(xxx=inductance value in uH, R=decimal point)
FP4-xxxSK (FP4, SK=Product code and size),(xxx=inductance value in uH, R=decimal point)
wwllyy = date code, R = revision level
Tolerances are ±0.15 millimeters unless stated otherwise
PCB tolerances are ±0.2 millimeters unless stated otherwise
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com