Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4053B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4053B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4053B Datasheet HTML 1Page - Silicon Supplies CD4053B Datasheet HTML 2Page - Silicon Supplies CD4053B Datasheet HTML 3Page - Silicon Supplies CD4053B Datasheet HTML 4Page - Silicon Supplies CD4053B Datasheet HTML 5Page - Silicon Supplies CD4053B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4053B
Rev 1.0
08/09/18
PAD
FUNCTION
1
Y1 IN / OUT
2
Y0 IN / OUT
3
Z1 IN / OUT
4
Z OUT / IN
5
Z0 IN / OUT
6
INH
7
VEE
8
VSS
9
C SELECT
10
B SELECT
11
A SELECT
12
X0 IN / OUT
13
X1 IN / OUT
14
X OUT / IN
15
Y OUT / IN
16
VDD
CONNECT CHIP BACK TO VDD OR FLOAT
Pad Layout and Functions
Logic Diagram
Truth Table
2057µm (81 mils)
0,0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIE ID



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com