Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-1R5-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP3-1R5-R
Description  High current, low profile inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP3-1R5-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP3-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP3-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP3-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP3-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4118
Effective October 2015
Supersedes April 2013
Product description
•
Low profile high current inductors
•
Inductance range 0.1μh to 15μh
•
Design utilizes high temperature iron powder
alloy material with a non-organic binder to
eliminate thermal aging
•
7.25 x 6.7mm footprint surface mount package
in a 3.0mm height
•
Magnetically shielded, low EMI
•
Current rating up to 34.7Adc (Higher peak cur-
rents may be attained with a greater rolloff, see
rolloff curve)
•
Frequency range up to 2MHz
Applications
•
Voltage Regulator Modules (VRMs)
•
Multi-phase regulators
•
Desktop and server VRMs and EVRDs
•
Notebook and laptop regulators
•
Battery power systems
•
Graphics cards
•
Point-of-load modules
Environmental data
•
Storage temperature range (component):
-40°C to +155°C
•
Operating temperature range: -40°C to
+155°C (ambient plus self temperature rise)
•
Solder reflow temperature: J-STD-020D
FP3
High current, low profile inductors
Pb


Similar Part No. - FP3-1R5-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP3-1R5-R COOPER-FP3-1R5-R Datasheet
139Kb / 3P
Low Profile Inductors
More results

Similar Description - FP3-1R5-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFSC1515AHER220M01 VISHAY-IFSC1515AHER220M01 Datasheet
90Kb / 2P
Low Profile, High Current Inductors
10-Mar-14
IFSC1008ABER1R0M01 VISHAY-IFSC1008ABER1R0M01 Datasheet
84Kb / 2P
Low Profile, High Current Inductors
16-May-12
IFLR-2727EZ-01 VISHAY-IFLR-2727EZ-01 Datasheet
253Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IFLR-4027EZ-01 VISHAY-IFLR-4027EZ-01 Datasheet
248Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IFLR-4031GC-01 VISHAY-IFLR-4031GC-01 Datasheet
249Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IFLR-5151HZ-01 VISHAY-IFLR-5151HZ-01 Datasheet
222Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IHHP-0806AZ-01 VISHAY-IHHP-0806AZ-01 Datasheet
248Kb / 4P
Low Profile, High Current Inductors
23-Jan-17
IFSC-1515AH-01 VISHAY-IFSC-1515AH-01 Datasheet
83Kb / 2P
Low Profile, High Current Inductors
04-Oct-17
IFSC-0806AZ-01 VISHAY-IFSC-0806AZ-01_V01 Datasheet
339Kb / 6P
Low Profile, High Current Inductors
04-Jan-2021
IFSC-1008AB-01 VISHAY-IFSC-1008AB-01_V01 Datasheet
70Kb / 2P
Low Profile, High Current Inductors
23-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com