Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-150-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP3-150-R
Description  High current, low profile inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP3-150-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP3-150-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP3-150-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP3-150-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP3-150-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4118
Effective October 2015
FP3
High current, low profile inductors
www.eaton.com/elx
Product specifications
Part number6
OCL (uH)
± 15%
l
rms
2
amps
l
sat
3
amps 10%
l
sat
4
amps 15%
DCR mOhms
@ 20°C typ
DCR mOhms
@ 20°C max
K-factor5
FP3-R10-R
0.10
19.0
27
34.7
1.00
1.21
803
FP3-R20-R
0.22
15.3
16
20.8
1.54
1.88
482
FP3-R47-R
0.44
10.9
11.6
14.9
3.05
3.67
344
FP3-R68-R
0.72
9.72
9.0
11.6
3.85
4.63
268
FP3-1R0-R
1.10
6.26
7.4
9.5
9.40
11.2
219
FP3-1R5-R
1.50
5.78
6.2
8.0
10.0
13.1
185
FP3-2R0-R
2.00
5.40
5.4
6.9
11.5
15.0
161
FP3-3R3-R
3.20
3.63
4.3
5.5
24.5
30.0
127
FP3-4R7-R
4.70
3.23
3.5
4.2
34.9
40.0
105
FP3-8R2-R
8.5
2.91
2.6
3.4
61.6
74.0
78
FP3-100-R
10.9
2.30
2.3
3.0
84.2
101
69
FP3-150-R
14.9
2.22
2.0
2.5
106.0
127
59
1. OCL (Open Circuit Inductance) Test parameters: 100kHz, 0.1Vrms, 0.0Adc
2. I
rms DC current for an approximate ΔT of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise.
It is recommended that the temperature of the part not exceed 155°C under
worst case operating conditions verified in the end application.
3. I
sat Amps Peak for approximately 10% rolloff @ 20°C
4. I
sat Amps Peak for approximately 15% rolloff @ 20°C
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p =K*L*ΔI.
Bpp: (Gauss), K: (K factor from table), L: (Inductance in μH), ΔI (Peak to peak ripple
current in Amps).
6. Part number definition:
FP3 = product code and size
xxx = inductance value in μH
R = decimal point (if no “R” is present, then last character equals the number of zeros)
“-R” suffix = RoHS complaint
Dimensions–mm
RECOMMENDED PAD LAYOUT
2
SCHEMATIC
1
XXX
YWWL
2
FP3
1
Part marking: FP3 (Product code and size), xxx=(inductance value in μH),
R=decimal point (if no “R” is present, then last character equals the number of zeroes, YWW=Date code, L=Location code
Packaging information (mm)
Supplied in tape and reel packaging, 1700 parts per 13” diameter reel
4.0
2.0
12.0
16.0
+/-0.3
7.5
1.75
A
2
1
A
1.5 Dia
1.5 Dia
Direction of Feed
SECTION A-A
7.5
6.9
3.2
FP3
XXX
YWWL
2.80 ±0.25
(2x)
2.80 ±0.25
(2x)
3.00 Max
6.70
Max
7.25
Max
7.50
4.50 (2x)
2.50 (2x)
1.0 min.
(2x)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com