Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0807 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP0807
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP0807 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP0807 Datasheet HTML 1Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 2Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 3Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
4343
Effective December 2015
FP0807
High frequency, high current power inductors
www.eaton.com/elx
Temperature rise vs.total loss
Core loss
Inductance characteristics
0
10
20
30
40
50
00.2
0.40.6
0.81
1.21.4
1.61.8
2
Total Loss (W )
Core Loss vs. B
0.00001
0.0001
0.001
0.01
0.1
1
10
0
0
0
0
1
0
0
0
1
0
0
1
B
(Gauss)
1M Hz
500kHz
300kHz
200kHz
100kHz
p-p
p-p
% of OCL vs. % of Isat1
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0%
20%
40%60%
80%
100%
120%
140%
160%
% of Isat1
+25°C
-40°C
+125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com