Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R080-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # R080-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

R080-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  R080-R Datasheet HTML 1Page - Eaton All Rights Reserved. R080-R Datasheet HTML 2Page - Eaton All Rights Reserved. R080-R Datasheet HTML 3Page - Eaton All Rights Reserved. R080-R Datasheet HTML 4Page - Eaton All Rights Reserved. R080-R Datasheet HTML 5Page - Eaton All Rights Reserved. R080-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 4373
Effective September 2017
FP0404
High frequency, high current power inductors
www.eaton.com/electronics
Inductance characteristics
0%
20%
40%
60%
80%
100%
120%
00
10
20 30
4500
60
70
80
900
1
FP0404R1-R022-R
Idc (Amps)
-40
°C
+125
°C
+100
°C
+25
°C
0%
20%
40%
60%
80%
100%
120%
05
10
15
20
25
30
35
40
Idc (Amps)
-40
°C
+125
°C
+100
°C
+25
°C
0%
20%
40%
60%
80%
100%
120%
5
0101520253035
FP0404R1-R080-R
Idc (Amps)
-40
°C
+125°C
+100°C
+25°C
0%
20%
40%
60%
80%
100%
120%
05
10
15
20
25
30
FP0404R1-R100-R
Idc (Amps)
-40
°C
+125
°C
+100
°C
+25
°C
0%
20%
40%
60%
80%
100%
120%
0246
8102
14
16 18
10
22
24
2
FP0404R1-R110-R
Idc (Amps)
-40
°C
+125
°C
+100
°C
FP0404R1-R065-R
+25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com