Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP1007
Description  High frequency, high current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1007 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP1007 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1007 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1007 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1007 Datasheet HTML 4Page - Eaton All Rights Reserved. FP1007 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4341
Effective October 2015
FP1007
High frequency, high current power inductors
www.eaton.com/elx
Product specifications
Part Number7
OCL1
(nH)±10%
FLL2
(nH) minimum
I
rms
3
(amps)
I
sat1
4
(amps)
I
sat2
5
(amps)
DCR (mΩ)
@ 20°C ±5%
K-factor8
R1 version
FP1007R1-R12-R
120
86
60
81
65
0.29 ± 10%
371
FP1007R1-R14-R
140
100
60
72
56
0.29 ± 10%
371
FP1007R1-R17-R
170
122
60
58
46
0.29 ± 10%
371
FP1007R1-R22-R
215
155
60
50
36
0.29 ± 10%
371
FP1007R1-R30-R
300
216
60
32
26
0.29 ± 10%
371
R2 version
FP1007R2-R12-R
120
86
51
81
65
0.48 ± 8%
368
FP1007R2-R14-R
140
100
51
72
56
0.48 ± 8%
368
FP1007R2-R17-R
170
122
51
58
46
0.48 ± 8%
368
FP1007R2-R22-R
215
155
51
50
36
0.48 ± 8%
368
FP1007R2-R30-R
300
216
51
32
26
0.48 ± 8%
368
R3 version
FP1007R3-R12-R
115
83
61
94
86
0.29 ± 5%
354
FP1007R3-R15-R
150
108
61
76
70
0.29 ± 5%
354
FP1007R3-R17-R
175
126
61
66
60
0.29 ± 5%
354
FP1007R3-R22-R
215
155
61
50
43
0.29 ± 5%
354
FP1007R3-R23-R
230
165
61
48
40
0.29 ± 5%
354
FP1007R3-R27-R
270
194
61
40
34
0.29 ± 5%
354
FP1007R3-R30-R
300
216
61
35
30
0.29 ± 5%
354
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.1Vrms, 0.0Adc, +25°C
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms, I
sat1, +25°C
3. I
rms: Irms: DC current for an approximate temperature rise of 40ºC without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of other
heat generating components will affect the temperature rise. It is recommended that the
temperature of the part not exceed 125°C under worst case operating conditions verified in the
end application.
4. I
sat1: Peak current for approximately 20% rolloff @ +25°C
5. I
sat2: Peak current for approximately 20% rolloff @ +125°C
6. K-factor: Used to determine B
p-p for core loss (see graph).
B
p-p = K * L * ∆I * 10
-3
. B
p-p:(Gauss), K: (K-factor from table),
L: (Inductance in nH), ∆I (Peak-to-peak ripple current in Amps).
7. Part Number Definition: FP1007Rx-Rxx-R
FP1007R= Product code and size
x = DCR indicator
Rxx = Inductance value in μH, R= decimal point
-R suffix = RoHS compliant
Dimensions (mm)
Part marking: FP1007Rx (x = DCR indicator), Rxx (xx = inductance value in
uH, R = decimal point, wwllyy = date code, R = revision level
Tolerances are ±0.25 millimeters unless stated otherwise.
PCB tolerances are ±0.1 millimeters unless stated otherwise
All soldering surfaces to be coplanar within 0.1 millimeter
DCR measured from point “a” to point “b”
Do not route traces or vias underneath the inductor
Recommended Pad Layout
Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com