Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1108L3 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # FP1108L3
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1108L3 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  FP1108L3 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1108L3 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1108L3 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1108L3 Datasheet HTML 4Page - Eaton All Rights Reserved. FP1108L3 Datasheet HTML 5Page - Eaton All Rights Reserved. FP1108L3 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data
10449
Effective October 2015
FP1108L3 and FP1108L4
High frequency, high current power inductors
www.eaton.com/elx
Core loss vs. Bp-p
FP1108L3
Bp-p (Gauss)
0.001
0.01
0.1
1
10
100
1000
10000
300kHz
500kHz
800kHz
1.0MHz
0.001
0.01
0.1
1
10
100
1000
10000
1.0MHz
1.5MHz
2.0MHz
3.0MHz
700kHz
Bp-p (Gauss)
FP1108L4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com