Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLQ Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # GLQ
Description  Specialty fuse, fast-acting, size rejecting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GLQ Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  GLQ Datasheet HTML 1Page - Eaton All Rights Reserved. GLQ Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2033 SB02233
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
GLQ (fuse) HLQ (fuse holder)
Specialty fuse, fast-acting, size rejecting
Technical Data 2033
Effective June 2017
0.63"
Dimensional Data
FUSE
.720''
C
L
.850''
.850''
2.250''
.740''
.870''
.635''
.255''
.410''
Keyhole Punch
Knockout Hole
Load Lead
Line Lead
18.29mm
21.59mm
21.59mm
57.15mm
22.10mm
18.80mm
6.48mm
16.13mm
10.41mm
(15.9mm)
FUSE AND CARRIER
MOUNTING HOLE
CURRENT IN AMPERES
AMPERE
RATING
100
10
1
.1
.01
Time-Current Characteristic Curves–Average Melt



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com