Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLR Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # GLR
Description  Non-rejecting, fast-acting fuse and in-line fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GLR Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  GLR Datasheet HTML 1Page - Eaton All Rights Reserved. GLR Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2032 BU-MC15051
August 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
GLR (fuse) HLR (fuse holder)
Non-rejecting, fast-acting fuse and in-line fuse holders
Technical Data 2032
Effective August 2017
Dimensions - in (mm):
0.63" (15.9)
GLR fuse
0.720” (18.3)
CL
0.850” 21.6)
0.850” (21.6)
2.250” (57.1)
0.740” 18.8)
0.870” (22.1)
0.635” (16.1)
0.255” (6.5)
Keyhole punch
Knockout hole
Lineside terminal lead
Loadside terminal lead
0.410” (10.4)
HLR fuse holder
Mounting holes
Time-current characteristic curves — average melt
Amp
rating
100
10
1
0.1
0.01
Current in amps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com