Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-125-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GMC-125-R
Description  5 mm x 20 mm Medium time-delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GMC-125-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GMC-125-R Datasheet HTML 1Page - Eaton All Rights Reserved. GMC-125-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4395
Effective February 2018
Supersedes May 2017
Product features
Agency information
• UL Listed, Guide JDYX, File E19180, 63mA-6.3A
• UL Recognized Card: (7A-10A) Guide JDYX2, File E19180
• CSA Certified, Class 1422-01, File E65063, 63mA-6.3A
• MITI Approval, 1A-10A
• KC-Mark: Certificate SU05011-4001 (63mA~250mA);
SU05011-4002 (300mA~800mA); SU05011-4003 (1A~3.15A);
SU05011-4004 (3.5A~6.3A)
Ordering
•
Specify packaging code prefix, product number and option
code suffix
GMC
5 mm x 20 mm Medium time-delay glass tube fuses
•
Medium time-delay, low breaking capacity
•
Available with optional axial leads
•
5 mm x 20 mm physical size
•
Glass tube, nickel-plated brass endcap construction
•
Designed to UL/CSA 248-14
Pb
HALOGEN
HF
FREE
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
63mA - 10A
135%
60 minutes maximum
200%
2 minutes maximum
Voltage
Typical DC Cold
Typical
Maximum
Product
Rating
Interrupting Rating (Amps)*
Resistance
Pre-Arc I2t
Voltage
Number
Vac
250Vac
125Vac
(Ω)**
AC†
Drop (mV)‡
GMC-63-R
250
35
10,000
10.350
0.0027
1400
GMC-80-R
250
35
10,000
-
0.0050
1400
GMC-100-R
250
35
10,000
4.775
0.0094
1200
GMC-125-R
250
35
10,000
3.400
0.014
1000
GMC-150-R
250
35
10,000
2.555
0.022
800
GMC-160-R
250
35
10,000
2.295
0.022
730
GMC-200-R
250
35
10,000
1.395
0.032
650
GMC-250-R
250
35
10,000
0.965
0.046
490
GMC-300-R
250
35
10,000
0.838
0.081
580
GMC-315-R
250
35
10,000
0.685
0.081
480
GMC-400-R
250
35
10,000
0.615
0.18
510
GMC-500-R
250
35
10,000
0.335
0.41
370
GMC-600-R
250
35
10,000
0.282
0.60
360
GMC-630-R
250
35
10,000
0.246
0.66
360
GMC-700-R
250
35
10,000
0.213
0.85
340
GMC-750-R
250
35
10,000
0.213
0.85
320
GMC-800-R
250
35
10,000
0.180
0.85
290
GMC-1-R
250
35
10,000
0.156
1.8
250
GMC-1.25-R
250
100
10,000
0.098
3.4
200
GMC-1.5-R
250
100
10,000
0.076
5.4
190
GMC-1.6-R
250
100
10,000
0.067
5.8
160
GMC-2-R
250
100
10,000
0.043
8.9
130
GMC-2.5-R
250
100
10,000
0.035
13
130
GMC-3-R
250
100
10,000
0.026
19
130
GMC-3.15-R
250
100
10,000
0.025
23
130
GMC-3.5-R
125
-
10,000
0.022
25
130
GMC-4-R
125
-
10,000
0.019
36
120
GMC-5-R
125
-
10,000
0.014
58
120
GMC-6-R
125
-
10,000
0.013
88
120
GMC-6.3-R
125
-
10,000
0.012
110
120
GMC-7-R
125
-
200
0.012
150
120
GMC-8-R
125
-
200
0.009
200
110
GMC-10-R
125
-
200
0.007
300
110
* Interrupting ratings: Interrupting ratings for 63mA - 6.3A were measured at 70% - 80% power factor on AC. The interrupting ratings for 7A - 10A were measured at 100% power factor on AC.
** DC Cold Resistance (Measured at <10% of rated current)
†
Typical Pre-Archin2tg(II2t was measured at listed interrupting rating and rated voltage)
Maximum Voltage drop (Voltage drop was measured at 20°C ambient temperature at rated current)
‡


Similar Part No. - GMC-125-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMC-125mA COOPER-GMC-125mA Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
More results

Similar Description - GMC-125-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com