Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC3 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC3
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC3 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC3 Datasheet HTML 1Page - Eaton All Rights Reserved. HC3 Datasheet HTML 2Page - Eaton All Rights Reserved. HC3 Datasheet HTML 3Page - Eaton All Rights Reserved. HC3 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4122
Effective February 2017
HC3
High current power inductors
www.eaton.com/electronics
Product specifications
Part number5
OCL1 (μH) ±20%
l
rms
2
(amps)
l
sat
3
(amps)
DCR (mΩ) maximum @ 20°C
Volt-μsec4 (V-μs) ref.
HC3-R50-R
0.50
78.00
120
0.42
17.33
HC3-1R0-R
1.05
78.00
78
0.42
17.33
HC3-2R2-R
2.05
55.50
60
0.70
26.01
HC3-3R3-R
3.63
42.45
46
1.20
34.65
HC3-4R7-R
4.98
33.80
38
2.17
43.30
HC3-5R6-R
5.68
33.80
34.5
2.17
43.30
HC3-6R0-R
6.52
33.80
30.0
2.17
43.30
1. OCL (Open Circuit Inductance) Test parameters: 300kHz, .25Vrms, 0.0ADC & Isat.
2. DC current for approximately ∆T of 40°C without core loss De-rating is necessary for AC currents.
PCB layout, trace thickness and width, air flow and proximity of other heat generating components
will affect temperature rise. It is recommended that the temperature of the part not exceed 125°C
under worst case conditions verified in the end application.
3. Peak current for approximately 30% rolloff (@20°C).
4. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at 300kHz
necessary to generate a core loss equal to 10% of the total losses for a 40°C temperature rise.
5. Part number definition - HC3-xxx-R:
HC3 = Product code and size
-xxx = Inductance value R = Decimal point (if no “R” is present, last character equals number of zeros )
-R Suffix = RoHS compliant
Dimensions–mm
Part number
Height max
HC3-R50-R
18.0
HC3-1R0-R
17.5
HC3-2R2-R
17.5
HC3-3R3-R
17.5
HC3-4R7-R
17.5
HC3-5R6-R
17.5
HC3-6R0-R
17.5
1
2
HC3-xxx
wwllyy R
14.5 typ
25.3 max
30.0 max
22.0
19.0
5.50
5.50
3.0 typ
4.0 typ
HT max
TOP VIEW
RECOMMENDED
PCB PAD LAYOUT
FRONT VIEW
SCHEMATIC
Part marking: HC3-xxx (-xxx= inductance value, R= decimal point,
if no R is present then last character equals number of zeros)
wwllyy= date code, R= Revision level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com