Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC9-4R3-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC9-4R3-R
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC9-4R3-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC9-4R3-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC9-4R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC9-4R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC9-4R3-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
DS4312
Effective December 2015
HC9
High current power inductors
www.eaton.com/elx
Product specifications
Part number6
OCL1 (μH) ±15%
l
rms
2
(amps)
lsat3 (amps) 20%
rolloff
lsat4 (amps) 30%
rolloff
DCR (mΩ)
maximum @ 20°C
Volt-μsec5 (V-μs)
HC9-R20-R
0.218
46.7
65
95
0.50
2.87
HC9-R47-R
0.544
33.7
40
57
0.88
4.78
HC9-1R0-R
1.04
23.7
28
41
1.87
6.70
HC9-1R5-R
1.70
21.0
22
32
2.27
8.46
HC9-2R2-R
2.53
17.2
18
26
3.37
10.4
HC9-3R3-R
3.52
14.3
15
22
4.87
12.4
HC9-4R3-R
4.67
13.0
13.2
19.1
5.90
14.4
HC9-6R8-R
7.45
10.3
11.4
15.1
9.40
18.1
HC9-100-R
10.9
8.50
8.6
12.5
14.0
22.0
HC9-220-R
22.4
6.30
6.0
8.7
25.7
31.5
HC9-330-R
34.5
4.42
4.8
7.0
48.8
37.3
HC9-470-R
49.2
3.65
3.9
5.7
72.3
44.8
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 1.0Vrms, 0.0Adc, @ +25°C
2. Irms: DC current for an approximately ∆T of 40°C without core loss. Derating is necessary for
AC currents. Pad layout, trace thickness and width, airflow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 155°C under worst case conditions verified in the end application.
3. Peak current for approximately 20% rolloff @20°C
4. Peak current for approximately 30% rolloff @20°C
5. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
operating frequency necessary to generate additional core loss which contributes to the 40°C
temperature rise. De-rating of the I
rms is required to prevent excessive temperature rise.
The 100% Vμs rating is equivalent to a ripple current Ip-p of 20% of Isat (30% rolloff option).
6. Part number definition: HC9-xxx-R
HC9= Product code and size
xxx = Inductance in μH. R = decimal point. If no R is present last character equals number of zeros.
-R suffix = RoHS compliant
Dimensions–mm
Packaging information–mm
Supplied in tape and reel packaging, 450 parts per reel, 13” diameter reel.
HC9-xxx-R
HC9-xxx-R
Part marking: HC9= (Product code and size)-xxx=(inductance value
in uH, R= decimal point. If no R is present then last character equals
number of zeros. wwlyly=date code, R=revision level
Tolerances are ±0.2 millimeters unless stated otherwise
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com