Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8-6R9-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC8-6R9-R
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC8-6R9-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC8-6R9-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC8-6R9-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC8-6R9-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC8-6R9-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4120
Effective October 2015
HC8
High current power inductors
www.eaton.com/elx
Product specifications
Part number6
OCL1 (μH) ±20%
l
rms
2
(amps)
lsat3 (amps)
15% rolloff
lsat4 (amps)
30% rolloff
DCR (mΩ)
maximum @ 20°C
Volt-μsec5
(V-μs)
HC8-R15-R
0.175
39.0
43
76
0.80
1.5
HC8-R39-R
0.390
28.3
26
45
1.55
2.5
HC8-R75-R
0.766
18.8
18.5
32.7
3.40
3.5
HC8-1R2-R
1.32
16.0
14.4
25.5
4.70
4.5
HC8-1R9-R
1.90
12.4
11.8
20.9
7.7
5.5
HC8-2R6-R
2.65
10.2
10.0
17.7
11.4
6.5
HC8-3R5-R
3.52
8.5
8.7
15.3
16.5
7.5
HC8-4R5-R
4.52
8.0
7.7
13.5
18.6
8.5
HC8-5R6-R
5.65
6.7
6.9
12.1
26.3
9.5
HC8-6R9-R
6.90
6.4
6.2
10.9
28.9
10.5
HC8-8R2-R
8.27
5.5
5.7
10.0
39.6
11.5
HC8-100-R
9.77
5.2
5.2
9.2
43.6
12.5
HC8-150-R
15.02
4.1
4.2
7.4
68.6
15.5
HC8-220-R
21.40
3.4
3.5
6.2
99.5
18.6
HC8-330-R
31.65
2.7
2.9
5.1
154
22.6
HC8-470-R
47.28
2.2
2.4
4.2
237
27.6
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 1.0Vrms, 0.0Adc, @ +25°C
2. Irms: DC current for an approximately ΔT of 40°C without core loss. Derating is necessary for
AC currents. Pad layout, trace thickness and width, airflow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 155°C under worst case conditions verified in the end application.
3. Peak current for approximately 15% rolloff @+20°C
4. Peak current for approximately 30% rolloff @+20°C
5. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
operating frequency necessary to generate additional core loss which contributes to the 40°C
temperature rise. De-rating of the Irms is required to prevent excessive temperature rise. The 100%
V-μs rating is equivalent to a ripple current I
p-p of 20% of Isat (30% rolloff option).
6. Part number definition: HC8-XXX-R
HC8 = Product code and size
XXX = Inductance value in uH. R = Decimal point. If no R is present then last character
equals number of zeros
-R suffix indicates RoHS compliant
Dimensions–mm
TOPVIEW
10.9
Max
10.4
Max
HC8-XXX
wwllyy R
10.4
Max
FRONTVIEW
SIDE VIEW
2.70 ± 0.55
(2x)
RECOMMENDED PAD LAYOUT
4.0 typ
3.0 typ
2plcs
3.5 typ
2plcs
1
2
SCHEMATIC
4.0
Max
C
L
Aref
3.95
2 plcs
ref
A
mm
1R
2.1
1R9
thru
470
2.7
R39
R75
R15
PN
2.1
2.1
2.1
FRONT VIEW
TABLE
Packaging information–mm
Supplied in tape and reel packaging, 800 parts per reel
2.0
Ao
Ko=4.3 mm
Ao=10.4 mm
Bo=11.2 mm
1.5 dia
+0.1/-0.0
Bo
11.2
Ko
SECTION A-A
HC8-XXX
wwllyyR
16.0
24.0
+/-0.3
11.5
4.0
1.5dia
min
1.75
User direction of feed
A
A
Part marking: HC8= (Product code and size)-xxx=(inductance value in uH, R= decimal point. If no R is present then last character equals
number of zeros. wwlyly=date code, R=revision level
Tolerances are ±0.2 millimeters unless stated otherwise
All soldering surfaces to be coplanar within 0.1 millimeters
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com