Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8LP-470-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HC8LP-470-R
Description  Low profile, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC8LP-470-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HC8LP-470-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC8LP-470-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC8LP-470-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC8LP-470-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
4126
Effective October 2015
HC8LP
Low profile, high current power inductors
www.eaton.com/elx
Rolloff
Core loss
Packaging information–mm
Supplied in tape and reel packaging, 800 parts per reel
1.75
11.5
24.0
+/-0.3
User direction of feed
11.2
HC8LP-XXX
wwllyy R
SECTION A-A
A
A
Ko
Bo
Ao
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.0
Ko=4.3 mm
Bo=11.2 mm
Ao=10.4 mm
Irms DERATING WITH CORE LOSS
92
93
94
95
96
97
98
99
100
10
30
50
70
90
110 130 150170 190
%Applied Volt-u Seconds
100kHz
200kHz
300kHz
400kHz
500kHz
OCL vs Isat
0
10
20
30
40
50
60
70
80
90
100
0102030405060708090 100 110120 130140 150160 170 180190 200 210220
%of Isat



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com