Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R1-R15-R Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # MPI4040R1-R15-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R1-R15-R Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button MPI4040R1-R15-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 9Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 10Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 11Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 12Page - Eaton All Rights Reserved. MPI4040R1-R15-R Datasheet HTML 13Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
2.0mm Height R4 inductance characteristics — % of OCL vs. I
DC
0
20
40
60
80
100
120
0
246
81012141618
IDC(Amps)
MPI4040R4-R22-R
0
20
40
60
80
100
120
0246
8101214
IDC(Amps)
MPI4040R4-R33-R
0
20
40
60
80
100
120
0246
8101214
IDC(Amps)
MPI4040R4-R47-R
0
20
40
60
80
100
120
0
246
81012
IDC(Amps)
MPI4040R4-1R0-R
0
20
40
60
80
100
120
01234567
8
IDC(Amps)
MPI4040R4-1R5-R
0
20
40
60
80
100
120
0
123456
7
IDC(Amps)
MPI4040R4-2R2-R
0
20
40
60
80
100
120
012345
6
IDC(Amps)
MPI4040R4-3R3-R
0
20
40
60
80
100
120
0123456
IDC(Amps)
MPI4040R4-4R7-R
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com