Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX50-2-52-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CTX50-2-52-R
Description  Toroid power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX50-2-52-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CTX50-2-52-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX50-2-52-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX50-2-52-R Datasheet HTML 3Page - Eaton All Rights Reserved. CTX50-2-52-R Datasheet HTML 4Page - Eaton All Rights Reserved. CTX50-2-52-R Datasheet HTML 5Page - Eaton All Rights Reserved. CTX50-2-52-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4304
Effective July 2017
Supersedes August 2006
LCPI
Toroid power inductors
Product features
•
Low loss, iron powder cores with stable
electrical operating characteristics maximize
inductor efficiency by minimizing copper losses
•
Available in vertical and horizontal self leaded
and header mounted configurations
•
Inductance values range from 10 uH to 1000 uH
•
Current values range from 1.5 A to 29.5 A
•
Meets UL 94V-0 flammability standard
•
Iron powder core material
Applications
•
Filters
•
Buck and boost switches
•
Chokes
Environmental Data
•
Storage temperature range (Component):
-40 °C to +105 °C
•
Operating temperature range: -40 °C to +105 °C
(ambient plus self-temperature rise)


Similar Part No. - CTX50-2-52-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX50-2-52-R COOPER-CTX50-2-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
More results

Similar Description - CTX50-2-52-R

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
SMT POWER INDUCTORS Shielded Toroid
logo
Productwell Precision E...
TC0805D-5R0M PRODUCTWELL-TC0805D-5R0M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
SMT POWER INDUCTORS Toroid - SLIC Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
SMT POWER INDUCTORS Toroid - Bobcat Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
SMT POWER INDUCTORS Toroid - Polecat Series
P0402 PULSE-P0402 Datasheet
114Kb / 1P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
SMT POWER INDUCTORS Toroid - Bobcat Series
P0175 PULSE-P0175 Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com