Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R1-R33-R Datasheet(PDF) 12 Page - Eaton All Rights Reserved.

Part # MPI4040R1-R33-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R1-R33-R Datasheet(HTML) 12 Page - Eaton All Rights Reserved.

Back Button MPI4040R1-R33-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 9Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 10Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 11Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 12Page - Eaton All Rights Reserved. MPI4040R1-R33-R Datasheet HTML 13Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
2.0mm Height R4 inductance characteristics — % of OCL vs. I
DC
0
20
40
60
80
100
120
00.5
11.5
22.5
33.5
44.5
IDC(Amps)
MPI4040R4-6R8-R
0
20
40
60
80
100
120
00.5
11.5
22.5
33.5
IDC(Amps)
MPI4040R4-100-R
0
20
40
60
80
100
120
00.2
0.40.6
0.81
1.21.4
1.61.8
22.2
IDC(Amps)
MPI4040R4-220-R
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com