Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R2-R47-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # MPI4040R2-R47-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R2-R47-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  MPI4040R2-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R2-R47-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
Packaging information (mm)
Supplied in tape and reel packaging:
MPI4040R1 = 5500 parts per 13” diameter reel
MPI4040R2 = 4500 parts per 13” diameter reel
MPI4040R3 = 3500 parts per 13” diameter reel
MPI4040R4 = 3000 parts per 13” diameter reel
Dimensions (mm)
Part number
A Max
MPI4040R1-xxx-R
1.2
MPI4040R2-xxx-R
1.5
MPI4040R3-xxx-R
1.8
MPI4040R4-xxx-R
2.0
Soldering surfaces to be coplanar within 0.10 millimeters
PCB tolerances are ±0.1 millimeters unless stated otherwise
Do not route traces or vias underneath the inductor
4.06
±0.25
1
4.45
±0.25
22
2
1
1.3
±0.1
1
1.85
±0.1
4.95
2.30
1.65
A
2.0
+0.2, -0.1
Recommended Pad Layout
Schematic
Part marking: xabcd
x = height: 1 = R1 (1.2mm), 2 = R2 (1.5mm), 3 = R3 (1.85mm), 4 = R4 (2.0mm)
a = Inductance value per the Part marking designator letter code in Product specification table.
b = Bi-weekly date code
c = Last digit of year manufactured
d = Revision level
User Direction of feed
12.0
±0.30
SECTION A-A
4.45
4.8
MPI4040R1=1.30
MPI4040R2=1.60
8.0
1.75
5.5
1.5 dia
1.5 dia.
4.0
2.0
1
2
MPI4040R3=1.95
MPI4040R4=2.1
A
A
.
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com