Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3112-1R0-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # SD3112-1R0-R
Description  Low profile metalized shielded drum core power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD3112-1R0-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  SD3112-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. SD3112-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. SD3112-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. SD3112-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4127
Effective October 2017
www.eaton.com/electronics
Product specifications
Dimensions- mm
SD3112
Low profile metalized shielded drum core power inductors
Packaging information- mm
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (
Ω)
K-factor
Inductance
(µH)
Marking
(A)
(A)
typ. @
(4)
(µH)
Designator
+20 °C
SD3112-1R0-R
1.0
1.11+/-30%
A
1.39
1.65
0.069
135
SD3112-1R5-R
1.5
1.70+/-30%
B
1.16
1.33
0.099
110
SD3112-2R2-R
2.2
2.41+/-30%
C
0.97
1.12
0.140
92
SD3112-3R3-R
3.3
3.24+/-30%
D
0.90
0.97
0.165
79
SD3112-4R7-R
4.7
4.72+/-30%
E
0.74
0.80
0.246
66
SD3112-6R8-R
6.8
6.47+/-30%
F
0.68
0.68
0.291
56
SD3112-8R2-R
8.2
8.50+/-30%
G
0.57
0.60
0.408
49
SD3112-100-R
10.0
10.01+/-30%
H
0.55
0.55
0.446
45
SD3112-150-R
15.0
15.28+/-20%
I
0.45
0.44
0.654
37
SD3112-220-R
22.0
21.66+/-20%
J
0.37
0.37
0.953
31
SD3112-330-R
33.0
33.30+/-20%
K
0.30
0.30
1.48
25
SD3112-470-R
47.0
47.44+/-20%
L
0.270
0.25
1.85
21
SD3112-680-R
68.0
68.10+/-20%
M
0.228
0.211
2.56
17
SD3112-820-R
82.0
83.19+/-20%
N
0.213
0.190
2.93
16
SD3112-101-R
100.0
99.8+/-20%
O
0.184
0.174
3.95
14
SD3112-151-R
150.0
149.4+/-20%
P
0.149
0.142
6.01
12
SD3112-221-R
220.0
219.9+/-20%
Q
0.121
0.117
9.12
10
(1) Open Circuit Inductance Test Parameters: 100 kHz, 0.1 V, 0.0 Adc.
(2) Irms: DC current for an approximate DT of 40 °C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed
+125 °C under
worst case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@+20 °C)
(4) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in uH),
∆(Peak to peak ripple current in Amps).
Dimensions are in millimeters.
Part Marking:
3 Digit Marking: (1st digit: Indicates inductance value per letter in Part Marking Designator); (2nd digit: Bi-weekly production date code); (3rd digit: Last digit of the year produced).
Do not route traces or vias underneath the inductor
Parts packaged on 13" Diameter reel,
4,100 parts per reel.
Discontinued,
Effective
July
31,
2016
or until
inventory
is depleted.
Please
review
SD3114
data
sheet
(4128)as
an alternate
replacement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com