Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R2-3R3-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # MPI4040R2-3R3-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R2-3R3-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  MPI4040R2-3R3-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R2-3R3-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
Core loss
Temperature rise vs. total loss
0
10
20
30
40
50
60
70
00.1
0.20.3
0.40.5
0.60.7
0.80.9
Total Loss (W)
R2
R1, R4
R3
1.85mm Height R3
2.0mm Height R4
1.5mm Height R2
1.2mm Height R1
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com