Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3112-1R5-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # SD3112-1R5-R
Description  Low profile metalized shielded drum core power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD3112-1R5-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  SD3112-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. SD3112-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. SD3112-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. SD3112-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.eaton.com/electronics
Technical Data 4137
Effective October 2017
SD3110
Low profile metalized shielded drum core power inductors
Temperature rise vs total loss loss
Core loss vs Bp-p
Inductance characteristics
0
10
20
30
40
50
60
70
80
90
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
Total Loss (W)
10
1MHz
1
500kHz
0.1
300kHz
200kHz
100kHz
0.01
50kHz
0.001
0.0001
0.00001
0.000001
1
10
100
1000
Bp-p (mT)
0
0%
%
3
30
0%
%
9
90
0%
%
120%
130%
140%
-40°C
25°C
85°C
0%
0%
10
10%
%
20
20%
%
30
30%
%
40
40%
%
50
50%
%
60
60%
%
70
70%
%
80
80%
%
90
90%
%
10
100%
0%
11
110%
0%
12
120%
0%
1
10
0%
%
2
20
0%
%
4
40
0%
%
5
50
0%
%
6
60
0%
%
7
70
0%
%
8
80
0%
%
1
10
00
0%
%
1
11
10
0%
%
%% of
of I
I s
s a
a tt
Discontinued,
Effective
July
31,
2016
or until
inventory
is depleted.
Please
review
SD3114
data
sheet
(4128)as
an alternate
replacement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com