Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9005 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 17Page - OKI electronic componets MSM9005 Datasheet HTML 18Page - OKI electronic componets MSM9005 Datasheet HTML 19Page - OKI electronic componets MSM9005 Datasheet HTML 20Page - OKI electronic componets MSM9005 Datasheet HTML 21Page - OKI electronic componets MSM9005 Datasheet HTML 22Page - OKI electronic componets MSM9005 Datasheet HTML 23Page - OKI electronic componets MSM9005 Datasheet HTML 24Page - OKI electronic componets MSM9005 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
¡ Semiconductor
MSM9005-xx
21/30
FEDL9005-03
[How to transfer LPA command, ABBC 1/5 command and CHB command (arbitrator blink
setting)]
11*10000
D8 D7 D6 D5 D4 D3 D2 D1
LPA
command
10011100
D8 D7 D6 D5 D4 D3 D2 D1
ABBC1/5
command
(Repeats nine times.)
0***00
CB
*
D8 D7 D6 D5 D4 D3 D2 D1
CHB
command
0***00
CB
*
D8 D7 D6 D5 D4 D3 D2 D1
CHB
command
0***00
CB
*
D8 D7 D6 D5 D4 D3 D2 D1
CHB
command
0***00
CB
*
D8 D7 D6 D5 D4 D3 D2 D1
CHB
command
0***00
CB
*
D8 D7 D6 D5 D4 D3 D2 D1
CHB
command
Specify address pointer value
(Example: Set address pointer value to 10H.)
Set BC = “0” to enable writing in 5-dot units.
CB value is written to ABB RAM address 10H, and the
blinking of arbitrator displayed in segments 1 to 5 is set.
After this command is executed, the address pointer value
becomes 11H.
CB value is written to ABB RAM address 11H, and the
blinking of arbitrator displayed in segments 6 to 10 is set.
After this command is executed, the address pointer value
becomes 12H.
CB value is written to ABB RAM address 1BH, and the
blinking of arbitrator displayed in segments 56 to 60 is set.
After this command is executed, the address pointer value
becomes 1CH.
CB value is written to ABB RAM address 1CH and the
blinking of arbitrator displayed in segments 61 to 65 is set.
After this command is executed, the address pointer value
becomes 1DH.
ABB RAM address is only 10H to 1CH. The address
pointer value becomes 1DH. However, this CHB
command is ignored.
*: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com