Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1030-2R5155-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # A1030-2R5155-R
Description  A Supercapacitors Cylindrical cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A1030-2R5155-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  A1030-2R5155-R Datasheet HTML 1Page - Eaton All Rights Reserved. A1030-2R5155-R Datasheet HTML 2Page - Eaton All Rights Reserved. A1030-2R5155-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data
4302
Effective June 2017
A Supercapacitors
Cylindrical cells
www.eaton.com/electronics
Ratings
Capacitance
0.47 F to 4.7 F
Maximum working voltage
2.5 V
Surge voltage
3.0 V
Capacitance tolerance
-20% to +80% (+20 °C)
Operating temperature range
-25 °C to +70 °C
Specifications
Capacitance (F)
Part Number
Nominal ESR (Ω)
(Equivalent Series Resistance)
Measured @
1 kHz
Nominal dimensions (mm)
(diameter x length)
Typical Mass
(grams/piece)
0.47
A0820-2R5474-R
0.150
8
20
1.8
1.0
A1020-2R5105-R
0.
090
10
20.5
2.6
1.5
A1030-2R5155-R
0.060
10
30
3.8
4.7
A1635-2R5475-R
0.025
16
35
10.7
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of max. initial value)
Life (1000 hours @ +70 °C @ 2.5 Vdc)
≤ 30%
≤ 300%
Storage - Low and High Temperature (1000 hours @ -25 °C and +70 °C)
≤ 30%
≤ 300%
Dimensions (mm)
Part Number
D
D’
L
L’
F
d’
C
C’
8.0
8.5
20.5
21.0
3.5
0.50
20.0
5.0
10.0
10.5
21.8
22.3
5.0
0.60
20.0
5.0
10.0
10.5
31.0
31.5
5.0
0.60
20.0
5.0
16.0
16.5
37.5
38.0
7.5
0.80
20.0
5.0
Tolerances
Maximum
±0.5
±0.02
Minimum
Part numbering system
A
1020
—
2R5
10
5
-R
Family Code
Size reference
(mm)
Voltage (V) R = Decimal
Capacitance (μF)
Value
Multiplier
Standard product
A Family
Diameter = 10
Length = 20
2R5 = 2.5 V
Example: 105 = 10 x 105 μF or 1.0 F
Packaging information
•
Standard packaging: Bulk, 100 units per bag
•
Larger bulk packages available on request
Part marking
•
Manufacturer
•
Capacitance (F)
•
Maximum operating voltage (V)
•
Family code (or part number)
•
Polarity marking
Positive Lead
A0820-2R5474-R
A1020-2R5105-R
A1030-2R5155-R
A1635-2R5475-R
Discontinued
effective
December
29,
2017
or until
inventory
is depleted.
There
is no
direct
replacement.
Possible
alternate
solution
is
HV
family
data
sheet
4376.
See
PCN
17037
for
more
details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com