Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310FC-800mA-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # C310FC-800mA-R
Description  3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C310FC-800mA-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  C310FC-800mA-R Datasheet HTML 1Page - Eaton All Rights Reserved. C310FC-800mA-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4415
Effective August 2017
Supersedes August 2012
Product features
C310FC
3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
•
Single cap, axial leaded, fast-acting fuse
•
3.6 x 10mm physical size
•
Ceramic tube, nickel-plated brass endcap
construction
•
Tinned copper axial leads
•
Designed to IEC60127-3, Sheet 3
Agency information
• cURus Approval: File E19180 Guide JDYX2/YX8
• TUV Approval: File No: J 50217156
• CQC: CQC12012069004
• KC: SU05030-12001A
Ordering
• Specify packaging, product and option code
(e.g., C310FC-2-TR1)
HALOGEN
HF
FREE
Pb
Electrical Characteristics
Amp Rating
1.5In
2.1In
2.75In
4In
10In
Min
Max
Min
Max
Min
Max
Max
800mA~3.15A
1hour
30min
10ms
3sec
3ms
300ms 20ms
Environmental data
• Terminal Strength: MIL-STD-202G Method 211A. Test Condition
A
• Thermal Shock: MIL-STD-202G,Method 107G
(Test Condition 5 cycles -40 °C to 85 °C)
• Resistance to Moisture: MIL-STD-202G, Method 106, Humidity
(90~98%RH), Heat (+65 °C)
• Vibration: MIL-STD-202G, Method 201A (10~55 Hz) Condition A
• Salt Spray: MIL-STD-202G, Method 101D, Test Condition B
• Solderability: J-STD-002C, Test Method C1
Specications
Catalog
Voltage
Interrupting Rating
@ 250 Vac (A)
Typical Cold
Typical
Max. Voltage
Agency Information
Number
Rating Vac
Resistance (mΩ)* MeltingI2t (A2s)** Drop (mV)*** cURus
TUV
CQC
KC
C310FC-800mA-R
250
35
70
0.56
180
X
X
C310FC-1.6A-R
250
35
34.5
2.2
120
X
X
X
X
C310FC-2A-R
250
35
26
3.8
100
X
X
X
X
C310FC-3.15A-R
250
35
15
13.3
100
X
X
X
X
* Typical Cold Resistance (Measured at _
<10% of rated current).
** Typical Melting I2t (Tested at 10ln).
*** Maximum Voltage Drop (Voltage drop was measured at
+25 °C ambient temperature at rated current).
Discontinued
June
16,
2016
or
until
inventory
is depleted.
There
is no
recommended
replacement.


Similar Part No. - C310FC-800mA-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310FH-1-25-R-TR1 EATON-C310FH-1-25-R-TR1 Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310FH-1-25-R-TR2 EATON-C310FH-1-25-R-TR2 Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310FH-1-25-RE-TR1 EATON-C310FH-1-25-RE-TR1 Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310FH-1-6-R-TR1 EATON-C310FH-1-6-R-TR1 Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
More results

Similar Description - C310FC-800mA-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C310T-SC ETC2-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com