Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP2335JS Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP2335JS
Description  Non-isolated Buck APFC LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP2335JS Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP2335JS Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP2335JS Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP2335JS
Non-isolated Buck APFC LED Driver
BP2335JS_EN _DS_Rev.1.1
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
The BP2335JS is a high precision non-isolated buck
driver with active PFC, specially designed for high
mains input offline constant current LED lighting. The
driver with on-chip PFC circuit achieves high power
factor and low THD. Operating in critical conduction
mode, the power MOSFET switching loss is reduced
and the inductor is fully utilized.
The BP2335JS integrates a 550V power MOSFET.
With few external components, the LED output
current can be precisely controlled.
The BP2335JS utilizes patented floating ground
structure. The inductor current is sensed during the
whole switching cycle. So it achieves high precision
output current control, and excellent line regulation and
load regulation.
The BP2335JS utilizes patented start up technology
with HV JFET. So it achieves fast start up, reduce
count of external components, and realize smaller
form factor.
The BP2335JS offers rich protection functions to
improve the system reliability, including LED open
circuit protection, LED short circuit protection, VCC
under voltage protection, CS resistor open circuit
protection and cycle by cycle current limit. All the
protection functions are auto-recovery. The system
reliability is further improved by the thermal regulation
function. The output current is reduced when the driver
is over temperature.
Features
Fast start up and power supply with HV JFET
Integrated with 550V Power MOSFET
Active PFC for High Power Factor and Low THD
±3% LED Output Current Accuracy
Excellent Line and Load Regulation
Critical Conduction Mode Operation
Ultra Low (300uA) Operating Current
LED Short Protection
LED Open Protection (OVP)
Current Sensing Resistor Open Protection
Cycle by Cycle Current Limit
VCC Under Voltage Protection
Auto Fault Recovery
Thermal Regulation Function
Applications
LED retrofit lamps, Bulb, Spot Light, GU10/E27
LED PAR30, PAR38 Lamp
LED tube, LED String
Other LED Lighting


Similar Part No. - BP2335JS

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP2335J BPS-BP2335J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2335JC BPS-BP2335JC Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
More results

Similar Description - BP2335JS

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7830A MAXIC-MT7830A Datasheet
158Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7840 MAXIC-MT7840 Datasheet
257Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844B MAXIC-MT7844B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7845 MAXIC-MT7845 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7855BLD MAXIC-MT7855BLD Datasheet
269Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356C BPS-BP2356C Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356F BPS-BP2356F Datasheet
144Kb / 2P
Non-isolated Buck APFC LED Driver
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9514SF MAXIC-MT9514SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com