Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1-3-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CMT1-3-R
Description  Common mode inductors, through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMT1-3-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CMT1-3-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMT1-3-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMT1-3-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMT1-3-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMT1-3-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMT1-3-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data
4312
Effective October 2015
CMT
Common mode inductors, through-hole
www.eaton.com/elx
Product specifications
Part number
OCL (mH)
minimum (1-2)
OCL (mH)
minimum (4-3)
l rms.
Amperes max
DCR (Ω) typ
@ 20°C (1-2)
DCR (Ω) typ
@ 20°C (4-3)
CMT1-1-R
66.0
66.0
0.74
1.20
1.20
CMT1-2-R
49.0
49.0
0.88
0.85
0.85
CMT1-3-R
28.0
28.0
1.13
0.50
0.50
CMT1-4-R
21
21
1.37
0.35
0.35
CMT1-5-R
13
13
1.76
0.20
0.20
CMT1-6-R
7.50
7.50
2.27
0.13
0.13
CMT1-7-R
4.20
4.20
2.89
0.08
0.08
CMT1-8-R
2.40
2.40
3.85
0.045
0.045
CMT1-9-R
1.85
1.85
4.53
0.033
0.033
CMT1-10-R
0.94
0.94
6.05
0.018
0.018
CMT2-1-R
30
30
1.50
0.350
0.350
CMT2-2-R
20
20
1.95
0.220
0.220
CMT2-3-R
12
12
2.45
0.135
0.135
CMT2-4-R
8.0
8.0
2.80
0.100
0.100
CMT2-5-R
6.0
6.0
3.40
0.070
0.070
CMT2-6-R
4.8
4.8
3.95
0.053
0.053
CMT2-7-R
3.2
3.2
4.40
0.042
0.042
CMT2-8-R
2.4
2.4
4.75
0.037
0.037
CMT2-9-R
2.0
2.0
5.45
0.028
0.028
CMT2-10-R
1.6
1.6
5.75
0.026
0.026
CMT3-1-R
5.4
5.4
2.0
0.12
0.12
CMT3-2-R
3.5
3.5
2.6
0.08
0.08
CMT3-3-R
2.7
2.7
3.0
0.055
0.055
CMT3-4-R
1.3
1.3
4.0
0.032
0.032
CMT3-5-R
0.92
0.92
5.0
0.021
0.021
CMT3-6-R
0.53
0.53
6.5
0.013
0.013
CMT4-1-R
5.4
5.4
2.0
0.12
0.12
CMT4-2-R
3.5
3.5
2.6
0.08
0.08
CMT4-3-R
2.7
2.7
3.0
0.055
0.055
CMT4-4-R
1.3
1.3
4.0
0.032
0.032
CMT4-5-R
0.92
0.92
5.0
0.021
0.021
CMT4-6-R
0.53
0.53
6.5
0.013
0.013
Definitions:
OCL = Open Circuit Inductance
DCR = Direct Current Resistance
Irms = rms current for 40°C max temperature rise at worst case ambient temperature
of 85°C.
Electrical Characteristics:
OCL (1-2) 0.10Vrms, 10kHz, 0.0Adc: (See Chart)
OCL (4-3) 0.10Vrms, 10kHz, 0.0Adc: (See Chart)
DCR (1-2) typ @ 20°C: (See Chart)
DCR (4-3) typ @ 20°C: (See Chart)
Hipot rating: winding to winding: 2400 Vac for 1 second. Turns Ratio: (1-2):(4-3) 1:1
Discontinued,
Effective
March
1, 2016
or until
inventory
is depleted.
No
recommended
replacement
available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com