Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1-4-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CMT1-4-R
Description  Common mode inductors, through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMT1-4-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CMT1-4-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMT1-4-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMT1-4-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMT1-4-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMT1-4-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMT1-4-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data
4312
Effective October 2015
CMT
Common mode inductors, through-hole
www.eaton.com/elx
Attenuation Curves
AttenuationCMT1
-70
-60
-50
-40
-30
-20
-10
0
0.06
0.10.2
0.6
124
FREQUENCY (MHz)
-6 -7 -8 -9 -10
-1 -2 -3 -4 -5
AttenuationCMT3&CMT4
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.06 0.10.2 0.40.6 0.81
24
6
FREQUENCY (MHz)
-1 -2
-3
-5
-4
-6
AttenuationCMT2
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
0.08 0.10.150.2 0.30.4 0.50.6 0.70.8
FREQUENCY (MHz)
-6 -7 -8 -9
-10
-1 -2 -3 -4 -5
Discontinued,
Effective
March
1, 2016
or until
inventory
is depleted.
No
recommended
replacement
available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com