Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1-7-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CMT1-7-R
Description  Common mode inductors, through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMT1-7-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CMT1-7-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMT1-7-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMT1-7-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMT1-7-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMT1-7-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMT1-7-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4312
Effective October 2015
Supersedes March 2007
Product description
Four sizes of through-hole off-line common
mode inductors
Inductance range from 0.53 - 66 mH
Current range up to 6.5 Amps
Noise attenuation up to 68 dB
Frequency range up to 6 MHz
Meets UL94V-0 flammability standard
Ferrite core material
Applications
Protects AC input from effects of switching
regulators
Off-line power supplies
EMI filters
DC-DC converters
Computer, TV, audio and office equipment
Environmental data
Storage temperature range (component):
-40°C to +125°C
Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise).
CMT
Common mode inductors, through-hole
Pb
Discontinued,
Effective
March
1, 2016
or until
inventory
is depleted.
No
recommended
replacement
available


Similar Part No. - CMT1-7-R

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-7.5-2L COILCRAFT-CMT1-7.5-2L Datasheet
118Kb / 3P
Common Mode Line Chokes
CMT1-7.5-2L COILCRAFT-CMT1-7.5-2L Datasheet
125Kb / 5P
Common Mode Line Chokes
More results

Similar Description - CMT1-7-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM-017L ETC-CM-017L Datasheet
20Kb / 1P
Through Hole Common Mode Choke
logo
Filtran LTD
7116 FILTRAN-7116 Datasheet
182Kb / 1P
Through Hole Common Mode Choke
logo
Delta Electronics, Inc.
CMK04A13TH DELTA-CMK04A13TH Datasheet
66Kb / 1P
THROUGH-HOLE TYPE Common-Mode Choke
logo
Bothhand USA, LP.
BCM-5542 BOTHHAND-BCM-5542 Datasheet
144Kb / 1P
THROUGH HOLE COMMON MODE CHOKE
BCM-5554 BOTHHAND-BCM-5554 Datasheet
146Kb / 1P
THROUGH HOLE COMMON MODE CHOKE
BCM-5944 BOTHHAND-BCM-5944 Datasheet
39Kb / 1P
THROUGH HOLE COMMON MODE CHOKE
BCM-5950 BOTHHAND-BCM-5950 Datasheet
145Kb / 1P
THROUGH HOLE COMMON MODE CHOKE
BCM-7501 BOTHHAND-BCM-7501 Datasheet
43Kb / 1P
THROUGH HOLE COMMON MODE CHOKE
BCM-7539 BOTHHAND-BCM-7539 Datasheet
44Kb / 1P
THROUGH HOLE COMMON MODE CHOKES
logo
XFMRS Inc.
XF0134-HMCMC XFMRS-XF0134-HMCMC Datasheet
115Kb / 2P
Common Mode Inductors (Through-Hole)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com