Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX0.47-4P-R Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # CTX0.47-4P-R
Description  ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX0.47-4P-R Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  CTX0.47-4P-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 3Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 4Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 5Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 6Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 7Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 8Page - Eaton All Rights Reserved. CTX0.47-4P-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Data DS4314
Effective June 2017
ECONO-PAC™/OCTA-PAC® OCTA-PAC® PLUS
Dual winding toroid power inductors/transformers
7
www.eaton.com/electronics
CTX 2, 2P, 2A Series
CTX 3, 3P, 3A Series
CTX 4, 4P, 4A Series
Packaging Information
CTX 1, 1P, 1A Series
Dimensions are in millimeters.
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Parts packaged on 13" Diameter reel,
1,100 parts per reel.
Parts packaged on 13" Diameter reel,
800 parts per reel.
Parts packaged on 13" Diameter reel,
800 parts per reel.
Parts packaged on 13" Diameter reel,
600 parts per reel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com