Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX0.68-4P-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CTX0.68-4P-R
Description  ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX0.68-4P-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CTX0.68-4P-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 3Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 4Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 5Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 6Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 7Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 8Page - Eaton All Rights Reserved. CTX0.68-4P-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data DS4314
Effective June 2017
Supersedes March 2007
Product features
•
Surface mount magnetics that can be used as
single or coupled inductors or 1:1 transformers
that provide isolation between two windings
•
OCTA-PAC’s are designed around high
frequency, low loss core material
•
ECONO-PAC’s are a lower cost version of OCTA-
PAC’s offering high saturation flux density, Iron
powder core material
•
OCTA-PAC PLUS’s offer higher current ratings
and higher saturation flux densities than OCTA-
PAC and ECONO-PAC, Amorphous metal core
material
•
Secure 4 Terminal Mounting
•
Inductor more versatile inductance combination
by series or parallel connections
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
ECONO-PAC™/OCTA-PAC® OCTA-PAC® PLUS
Dual winding toroid power inductors/transformers
Pb HALOGEN
HF
FREE
•
Computer and portable power devices
•
LCD panels, DVD players
•
Inductor: DC-DC converters
•
Buck, boost, forward, and resonant converters
•
Noise filtering and filter chokes
•
Transformers: 1:1 300 Vdc isolation, flyback,
sepic
Environmental data
Part number
•
CTX___-__ -R(First three digits CTX; Second
2-3 digits = Inductance Value; Last 1-2 digits,
product size & type)
•
-R indicates RoHS compliant
Product size/type
•
CTX___-1 (-1 = size; no suffix = OCTA-PAC®)
•
CTX___-1P (-1 = size; P suffix = ECONO-
PAC™)
•
CTX___-1A (-1 = size; A suffix = OCTA-PAC®
PLUS)


Similar Part No. - CTX0.68-4P-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX0.68-4P-R COOPER-CTX0.68-4P-R Datasheet
573Kb / 8P
Power Inductors and Transformers
More results

Similar Description - CTX0.68-4P-R

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-V011400 PMI-PM-V011400 Datasheet
183Kb / 5P
VERSA-PAC INDUCTORS & TRANSFORMERS
logo
Cooper Bussmann, Inc.
CTX8-1A-R COOPER-CTX8-1A-R Datasheet
567Kb / 8P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
logo
Eaton All Rights Reserv...
MP2A EATON-MP2A Datasheet
543Kb / 4P
MICRO-PAC PLUS??Low profile toroid power inductors
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Hammond Manufacturing L...
1182S24 HAMMOND-1182S24 Datasheet
180Kb / 5P
Toroid Power Transformers
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com