Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMD-500-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GMD-500-R
Description  5 mm x 20 mm Time-delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GMD-500-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GMD-500-R Datasheet HTML 1Page - Eaton All Rights Reserved. GMD-500-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2019
Effective May 2017
Supersedes February 2009
Product features
Agency information
• UL Listed, Guide JDYX, File E19180
• UL Recognition Card (4A), Guide JDYX2, File
E19180
• CSA Certified, Class 1422-01, File 53787
• PSE/JET, File 1641-31003-1001
Ordering
•
Specify product code: Insert packaging code prefix
before part number. E.g. BK/GMD-250-R
•
Specify option code if desired: For axial leads, insert
“V” between catalog series and amp rating. E.g. BK/
GMD-V-250-R
•
With TR2 packaging code, lead wire length is 19.05mm
GMD
5 mm x 20 mm Time-delay glass tube fuses
•
Time-delay, low breaking capacity
•
Optional axial leads available
•
5 x 20mm physical size
•
Nickel-plated brass endcap construction
•
Designed to UL/CSA 248-14
•
Electrical Characteristics
Rated Current % of Amp Rating
Opening Time
100%
None
100mA - 4A
135%
60 minutes maximum
200%
5 seconds minimum
2 minutes maximum
Specications
Voltage Interrupting Rating (amps)
Rating
at Rated Voltage (50Hz)
Vac
250 Vac
125 Vac
Typical DC
Typical
Typical
Agency Approvals
Part Number
Cold Resistance
Melting I 2t
Voltage
UL
PSE
CSA
(amps)†
Drop (mV)‡
JET
GMD-125-R
250
35
10,000
8.125
0.043
1600
X
X
GMD-150-R
250
35
10,000
6.065
0.046
1200
X
X
GMD-200-R
250
35
10,000
5.190
0.200
1100
X
X
GMD-250-R
250
35
10,000
3.455
0.4
950
X
X
GMD-300-R
250
35
10,000
3.215
0.650
800
X
X
GMD-315-R
250
35
10,000
2.400
0.890
750
X
X
GMD-375-R
250
35
10,000
1.625
0.890
650
X
X
GMD-400-R
250
35
10,000
1.505
1.2
600
X
X
GMD-500-R
250
35
10,000
1.0645
1.4
550
X
X
GMD-600-R
250
35
10,000
0.948
3.1
450
X
X
GMD-630-R
250
35
10,000
0.629
3.1
450
X
X
GMD-750-R
250
35
10,000
0.4425
4.7
410
X
X
GMD-800-R
250
35
10,000
0.4475
6.6
380
X
X
GMD-1-R
250
35
10,000
0.3065
12
310
X
X
X
GMD-1.2-R
250
100
10,000
0.299
16
280
X
X
X
GMD-1.25-R
250
100
10,000
0.1995
16
245
X
X
X
GMD-1.5-R
250
100
10,000
0.158
25
240
X
X
X
GMD-1.6-R
250
100
10,000
0.124
27
220
X
X
X
GMD-2-R
250
100
10,000
0.107
42
200
X
X
X
GMD-2.5-R
250
100
10,000
0.0905
94
195
X
X
X
GMD-3-R
250
100
10,000
0.0655
145
190
X
X
X
GMD-4-R
250
200
10,000
0.048
300
190
UR
X
* Interrupting ratings (Interrupting ratings for 125mA - 3A were measured at 70% - 80% power factor on AC. The interrupting ratings for 4A were measured at 100%
power factor on AC)
** Typical DC Cold Resistance (measured at <10% of rated current)
† Typical Melting I 2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Typical Voltage Drop (voltage drop was measured at 20°C ambient temperature at rated current)
(Ω)**


Similar Part No. - GMD-500-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-500-R COOPER-GMD-500-R Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-500-R COOPER-GMD-500-R Datasheet
447Kb / 2P
5 x 20mm Fuses
More results

Similar Description - GMD-500-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMC-3-R COOPER-GMC-3-R Datasheet
178Kb / 3P
Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com