Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5501 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP5501
Description  Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5501 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP5501 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FP5501-1.7-JAN-2013
FP5501
fitipower integrated technology lnc.
Low-saturation, Low-voltage 2 Channels
Bi-directional Motor Driver
Pin Assignments
WD Package (TDFN-10)(3mm×3mm)
FP5501
2
1
VIN4
VSS
VCC
4
3
5
9
10
7
8
6
VIN3
VIN1
VIN2
VOUT4
VOUT3
VOUT1
VOUT2
Figure 1. Pin Assignment of FP5501 (Top View)
Ordering Information
Description
The FP5501 is a monolithic IC for low-saturation
bi-directional low cost and high efficiency miniature
two DC motor or stepper motor applications, such as
driving shutter (DC actuator), auto-focus (stepper
motor), iris (stepper motor) and accurate zoom
(stepper motor) on cameras, vibration on mobile
phone and other motor applications on portable
devices.
Features
Low Voltage Operation (VCC Min=1.8V)
Full- and Half-Stepping Capability
Low Saturation Voltage (Upper + Low Transistor
Residual Voltage; 0.46V typ. at 400mA)
Low Input Current
Low Operating Current, Sleep Mode with Zero
Current Drain
Dead-Zone Protection
High Output Sinking and Driving Capability
Small, Thin, Highly Reliable Package (TDFN-10)
Available COB Package
Thermal Shutdown Protection
Applications
Stepper Motor
DSC
Camera Module
Motor Application on Portable Device
Package Type
WD: TDFN-10 (3mm×3mm)
CH: CHIP
P: Green
FP5501□□□
TR: Tape/Reel
Blank: Tube


Similar Part No. - FP5501

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP5502 FITIPOWER-FP5502 Datasheet
350Kb / 7P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
FP5502S6C FITIPOWER-FP5502S6C Datasheet
350Kb / 7P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
More results

Similar Description - FP5501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
logo
Fitipower Integrated Te...
FP5502 FITIPOWER-FP5502 Datasheet
350Kb / 7P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com