Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91309MLF-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS91309MLF-T
Description  High performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91309MLF-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS91309MLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ICS91309
0093G—02/11/04
Application Suggestion:
ICS91309 is a mixed analog/digital product. The analog portion of the PLL is very sensitive to any random noise
generated by charging or discharging of internal or external capacitor on the power supply pins. This type of noise will
cause excess jitter to the outputs of ICS91309. Below is a recommended lay out to alleviate any addition noise. For
additional information on FT. layout, please refer to our AN07.The 0.1 uF capacitors should be connected as close as
possible to power pins (4 & 13). An Isolated power plane with a 2.2 uF capacitor to ground will enhance the power line
stability.
33Ω
33Ω
33Ω
33Ω
10KΩ
0.1µF
VDD
GND
33Ω
33Ω
33Ω
33Ω
33Ω
10KΩ
0.1µF
VDD
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
FS2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
FS1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com