Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2-2R2-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC2-2R2-R
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC2-2R2-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC2-2R2-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC2-2R2-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC2-2R2-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC2-2R2-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4109
Effective October 2015
HC2
High current power inductors
www.eaton.com/elx
Product specifications
Part number
Part number
(Tape and reel)
OCL1 (μH) ±20%
l
rms
2
amps
l
sat
3
amps
DCR (Ω)4
maximum @ 20°C
Volt-μsec5
(V-μs)
HC2-R47-R
HC2-R47TR-R
.52
52.9
63.75
.0006
6.87
HC2-R68-R
HC2-R68TR-R
.63
52.9
50.00
.0006
6.87
HC2-1R0-R
HC2-1R0TR-R
1.15
33.0
42.50
.0013
10.31
HC2-2R2-R
HC2-2R2TR-R
2.00
24.3
31.90
.0023
13.75
HC2-4R7-R
HC2-4R7TR-R
4.55
17.0
21.25
.0046
20.62
HC2-6R0-R
HC2-6R0TR-R
6.00
17.0
16.50
.0046
20.62
1. Open Circuit Inductance Test Parameters: 300kHz, 0.250 Vrms, 0.0 Adc
2. DC current for an approximate temperature change of 40°C without core loss. Derating is necessary
for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other heat
generating components will affect the temperature rise. It is recommended that the temperature
of the part not exceed 125°C under worst case operating conditions verified in the end application.
3. Peak current for approximately 30% rolloff.
4. Values @ 20°C
5. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
300KHz neccessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Dimensions–mm
Packaging information (mm)
Bulk packaging: 45 parts per tray
Tape and reel packaging: 110 parts per 13” diameter reel
wwllyy R
HC2-xxx
Ao= 19.3mm
Bo= 19.3mm
Ko= 12.9mm
40.4
+/-0.1
0
44.0
+/-0.3
0
Ko
32
Ao
A
1.75
20.2
2.0
1.5Dia +0.10
-0.00
2.0Dia
min
4.0
A
User direction of feed
SECTION A-A
Bo
B
R0.5 ref
1
2
19.00
10.00
5.50
5.50
19.2
max
19.0
max
9.5
typ
12.7
max
3.5
typ
2.3
typ
FRONT VIEW
TOP VIEW
SCHEMATIC
2
RECOMMENDED PCB PAD LAYOUT
HC2 - XXX
wwllyy R
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com