Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6121-JS6P Datasheet(PDF) 12 Page - Fitipower Integrated Technology Inc.

Part # FP6121-JS6P
Description  300mA, High PSRR, Dual Output Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6121-JS6P Datasheet(HTML) 12 Page - Fitipower Integrated Technology Inc.

Back Button FP6121-JS6P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6121-JS6P Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
FP6121-3.5-DEC-2013
FP6121
fitipower integrated technology lnc.
Outline Information (Continued)
TDFN-6 1.6mm× 1.6mm Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.70
0.80
A1
0.00
0.05
A2
0.18
0.25
D
1.55
1.65
E
1.55
1.65
a
0.18
0.30
b
0.18
0.30
e
0.45
0.55
D1
0.95
1.05
E1
0.55
0.65
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com