Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC02 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC02
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC02 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC02 Datasheet HTML 1Page - Silicon Supplies 54HC02 Datasheet HTML 2Page - Silicon Supplies 54HC02 Datasheet HTML 3Page - Silicon Supplies 54HC02 Datasheet HTML 4Page - Silicon Supplies 54HC02 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
d
High Speed CMOS Logic – 54HC02
Rev 1.0
22/04/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1Y
-230
-52
2
1A
-230
-230
3
1B
-95
-230
4
2Y
0
-230
5
2A
95
-230
6
2B
230
-230
7
GND
230
-45
8
3A
230
95
9
3B
230
230
10
3Y
95
230
11
4A
0
230
12
4B
-220
230
13
4Y
-230
140
14
VCC
-230
45
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
610µm (24 mils)
0,0
Pad 14 = VCC
Pad 7 = GND
10
11
12
13
9
8
14
7
1
2
3
4
5
6
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
L
L
L
H = High level (steady state)
L = Low level (steady state)
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com