Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC139 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC139
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC139 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC139 Datasheet HTML 1Page - Silicon Supplies 54HC139 Datasheet HTML 2Page - Silicon Supplies 54HC139 Datasheet HTML 3Page - Silicon Supplies 54HC139 Datasheet HTML 4Page - Silicon Supplies 54HC139 Datasheet HTML 5Page - Silicon Supplies 54HC139 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC139
Rev 1.0
16/04/18
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1G
0.152
0.366
2
1A
0.162
0.132
3
1B
0.422
0.122
4
1Y0
0.59
0.122
5
1Y1
0.772
0.122
6
1Y2
1.088
0.122
7
1Y3
1.088
0.333
8
GND
1.088
0.619
9
2Y3
1.088
0.972
10
2Y2
1.078
1.173
11
2Y1
0.722
1.183
12
2Y0
0.566
1.183
13
2B
0.396
1.153
14
2A
0.162
1.173
15
2G
0.152
0.938
16
VCC
0.122
0.591
CONNECT CHIP BACK TO VCC OR FLOAT
 
Truth Table
Logic Diagram
1300µm (51.18 mils)
0,0
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DIE ID
Pad 16 = VCC
Pad 8 = GND
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com