Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA5800CS Datasheet(PDF) 1 Page - Motorola, Inc

Part # CA5800CS
Description  The RF Line Wideband Linear Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA5800CS Datasheet(HTML) 1 Page - Motorola, Inc

  CA5800CS Datasheet HTML 1Page - Motorola, Inc CA5800CS Datasheet HTML 2Page - Motorola, Inc CA5800CS Datasheet HTML 3Page - Motorola, Inc CA5800CS Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CA5800C CA5800CS
MOTOROLA RF DEVICE DATA
The RF Line
Wideband Linear Amplifiers
. . . designed for amplifier applications in 50 to 100 ohm systems requiring
wide bandwidth, low noise and low distortion. This hybrid provides excellent
gain stability with temperature and linear amplification as a result of the
push–pull circuit design.
• Specified Characteristics at VCC = 28 V, TC = 25°C:
Frequency Range — 10 to 1000 MHz
Output Power — 1 W Typ @ 1 dB Compression, f = 900 MHz
Power Gain — 15.5 Typ @ f = 1000 MHz
Noise Figure — 7.5 dB Typ @ f = 500 MHz
ITO — 40.5 dBm @ f = 1000 MHz
• All Gold Metallization for Improved Reliability
• Optimized for 28 V Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC
32
Vdc
RF Power Input
Pin
+18
dBm
Operating Case Temperature Range
TC
–20 to +100
°C
Storage Temperature Range
Tstg
–40 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, VCC = 28 V, 50 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range (3 dB Down at 10 MHz)
BW
10
—
1000
MHz
Gain Flatness (f = 40–1000 MHz)
—
—
1
2
dB
Power Gain (f = 1000 MHz)
PG
14.5
15.5
—
dB
Noise Figure, Broadband
f = 500 MHz
f = 1000 MHz
NF
—
—
7.5
8.5
8.5
9.5
dB
Power Output — 1 dB Compression (f = 900 MHz)
Po 1dB
800
1000
—
mW
Third Order Intercept (See Figure 1, f1 = 10–1000 MHz)
ITO
—
40.5
—
dBm
Input/Output VSWR
f = 40–900 MHz
f = 900–1000 MHz
VSWR
—
—
—
—
2:1
2.6:1
—
Second Harmonic Distortion (Po = 100 mW, f2H = 1000 MHz)
dso
—
–55
–45
dB
Supply Current
ICC
360
400
440
mA
Intermodulation Distortion, 3 Tone
(Vision Carrier = –8 dB, Sound Carrier = –10 dB,
Sideband Signal = –17 dB. See Figure 2.
f = 860 MHz, Psync = 200 mW)
IMD
—
–58
—
dB
Second Order IMD
(Pt = 2.75 dBm, f1 = 373 MHz, f2 = 450 MHz, See Figure 1)
IM2
–65
–60
dB
Order this document
by CA5800C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CA5800C
CA5800CS
15 dB
10–1000 MHz
1 WATT
WIDEBAND
LINEAR AMPLIFIERS
CASE 714P–03, STYLE 2
(CA)
CA5800C
CASE 714T–03, STYLE 1
CA5800CS
Motorola, Inc. 1994


Similar Part No. - CA5800CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA5800CS NXP-CA5800CS Datasheet
255Kb / 4P
Wideband Linear Amplifiers
More results

Similar Description - CA5800CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
Wideband Linear Amplifiers
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
The RF Line VHF Power Amplifiers
CA4800C MOTOROLA-CA4800C Datasheet
71Kb / 4P
The RF Line Wideband Linear Amplifiers
logo
List of Unclassifed Man...
A0105116A ETC2-A0105116A Datasheet
51Kb / 1P
MINIATURE WIDEBAND RF AMPLIFIERS
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
The RF Line Wideband Linear Amplifier
CA2830C NXP-CA2830C Datasheet
264Kb / 4P
The RF Line Wideband Linear Amplifier
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
The RF Line Wideband Linear Amplifier
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
Wideband Linear Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com