Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC14 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC14
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC14 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC14 Datasheet HTML 1Page - Silicon Supplies 54HC14 Datasheet HTML 2Page - Silicon Supplies 54HC14 Datasheet HTML 3Page - Silicon Supplies 54HC14 Datasheet HTML 4Page - Silicon Supplies 54HC14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC14
Rev 1.0
24/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.14
0.345
2
1Y
0.14
0.141
3
2A
0.319
0.141
4
2Y
0.577
0.141
5
3A
0.817
0.141
6
3Y
1.019
0.141
7
GND
1.036
0.47
8
4Y
1.036
0.749
9
4A
1.006
1.007
10
5Y
0.8
1.007
11
5A
0.584
1.007
12
6Y
0.334
1.007
13
6A
0.141
0.969
14
VCC
0.14
0.663
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
1250µm (49.21 mils)
0,0
13
14
1
2
3
4
5
6
7
8
9
10
11
12
DIE ID
Function Table
INPUTS
A
OUTPUT
Y
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
 
Pad 14 = VCC
Pad 7 = GND
Y = Ᾱ  



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com