Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0503-R20-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM0503-R20-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0503-R20-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM0503-R20-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0503-R20-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data 4430
Effective June 2015
HCM0503
High current power inductors
www.eaton.com/electronics
Product Specifications
Part Number6
OCL1
(μH) ± 20%
FLL2 (μH)
minimum
I
rms
3
(A)
I
sat
4
(A)
DCR (mΩ)
typical @
+20 °C
DCR (mΩ)
maximum @ +20 °C
K-factor5
HCM0503-R20-R
0.20
0.13
22.2
21.0
2
2.3
1764
HCM0503-R35-R
0.35
0.22
16.6
14.9
4
4.3
1259
HCM0503-R47-R
0.47
0.30
12.0
11.5
6
7.2
820
HCM0503-R75-R
0.75
0.48
11.3
9.7
8
9.4
801
HCM0503-1R0-R
1.0
0.64
10.1
8.5
10
12
588
HCM0503-1R5-R
1.5
0.96
7.5
7.0
17
19
393
HCM0503-2R2-R
2.2
1.4
6.8
6.5
23
25
325
HCM0503- 3R3-R
3.3
2.1
5.5
6.0
36
41
273
HCM0503-4R7-R
4.7
3.0
4.5
5.5
54
60
226
HCM0503-5R6-R
5.6
3.6
4.3
3.5
63
71
206
HCM0503-100-R
10
6.4
2.8
2.3
122
132
158
HCM0503-150-R
15
9.6
2.4
2.1
138
166
127
HCM0503-220-R
22
14
1.9
1.9
260
270
106
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 Vrms, 0.0 Adc, @ +25 °C
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 Vrms, @ I
sat, @ +25 °C
3. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +125 °C under worst case operating
conditions verified in the end application.
4. Isat: Peak current for approximately 20% rolloff @ +25 °C
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (Gauss), K: (K-factor from table), L:
(Inductance in μH), ΔI (Peak to peak ripple current in Amps).
6. Part Number Definition: HCM0503-xxx-R
HCM0503 = Product code and size
xxx= inductance value in μH, R= decimal point ,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant
Dimensions (mm)
Part marking: xxx=inductance value in uH, R= decimal point. If no R is present then last character equals number of zeros.
wly=date code, R=revision level
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.2 millimeters unless stated otherwise
DCR measured from point “a” to point “b”
Color: Grey
Do not route traces or vias underneath the inductor
Recommended Pad Layout
Schematic
5.15
±0.35
3.0
max
5.10
±0.2
1.0
±0.3
1.5
±0.30
3.15
typ.
2.2
2.2
2.05
1
2
2
1
1
2
XXX
wly
R
1
2
a
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com