Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1103-R47-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM1103-R47-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1103-R47-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM1103-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1103-R47-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data
4449
Effective July 2017
HCM1103
High current power inductors
www.eaton.com/electronics
Product Specifications
Dimensions (mm)
Part
OCL1
FLL min.2
Irms3
Isat4 @
+25 °C
Number6
±20% (µH)
(µH)
(A)
(A)
DCR (mΩ) @
+20 °C Typical
DCR (mΩ) @
+20 °C Maximum
K-Factor5
HCM1103-R12-R
0.12
0.07
30
75
0.55
0.61
1200
HCM1103-R36-R
0.36
0.26
23
28
1.10
1.30
711
HCM1103-R47-R
0.47
0.33
20
26
1.50
2.00
515
HCM1103-R68-R
0.68
0.38
21
23
2.90
3.40
510
HCM1103-1R0-R
1.0
0.56
15
21
5.50
6.00
377
HCM1103-2R2-R
2.2
1.2
13
16
8.40
9.00
264
HCM1103-3R3-R
3.3
1.9
9.0
14
14.5
16.0
230
HCM1103-4R7-R
4.7
2.6
7.0
13
20.5
22.5
205
HCM1103-8R2-R
8.2
4.6
5.0
8.5
35.0
38.5
153
HCM1103-100-R
10.0
5.6
5.0
7.5
40.0
44.0
141
HCM1103-150-R
15.0
8.4
4.0
6.0
59.0
65.0
114
HCM1103-220-R
22.0
12.3
3.0
5.0
90.0
99.0
91
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 Vrms, 0.0 Adc @
+25 °C
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 Vrms, Isat @ +25 °C.
3. Irms: DC current for an approximate temperature rise of 40 °C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part not
exceed
+125 °C under worst case operating conditions verified in the end
application.
4. Isat: Peak current for approximately 30% rolloff at +25 °C
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p
= K * L * ∆I. Bp-p:(Gauss), K: (K-factor from table),
L: (Inductance in µH), ∆I (peak-to-peak ripple current in Amps).
6. Part Number Definition: HCM1103-xxx-R
HCM1103 = Product code and size
xxx= Inductance value in µH, R = decimal point,
if no R is present then third character = number of zeros.
-R suffix = RoHS compliant
Top View
HCM1103-R36-R &
HCM1103-R47-R
Top View
HCM1103-R12-R &
HCM1103-R68-R to
HCM1103-220R
Side View
Bottom View
Recommended Pad Layout
Schematic
Part Marking: xxx = Inductance value in uH, R = decimal point, if no R is present then third character = # of zeros.
wlyy = (Date code), R = Revision Level
All soldering surfaces to be coplanar within 0.10 millimeters.
Tolerances are ±0.3 millimeters unless stated otherwise.
HCM1103-R36-R and HCM1103-R47-R Color: Top Grey
HCM1103-R12-R and HCM1103-R68-R to HCM1103-220-R Color : Top Grey
Do not route traces or vias underneath the inductor
wlyy R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com