Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCMA1104 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # HCMA1104
Description  Automotive grade High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCMA1104 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  HCMA1104 Datasheet HTML 1Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 2Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 3Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 4Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 5Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 6Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Technical Data 10349
Effective August 2018
HCMA1104
Automotive grade high current power inductors
www.eaton.com/electronics
Core loss vs. Bp-p
HCMA1104-R20-R to HCMA1104-R90-R
200KHz
0.1
1
10
100
1000
10,000
100000
1
10, 000
B p-p
(Gauss)
25 kH z
50 kH z
1 MHz
100 kHz
500 kHz
300 kHz
0.1
1
10
100
1000
10,000
100000
1
10, 000
B p-p (Gauss)
25 kH z
50 kH z
HCMA1104-1R0-R to HCMA1104-220-R
200 kHz
300 kHz
500 kHz
1MHz
100 kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com