Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0703-100-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM0703-100-R
Description  High current power inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0703-100-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM0703-100-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM0703-100-R Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 4085
Effective March 2016
HCM0703
High current power inductors
www.eaton.com/electronics
Product Specifications
Part Number6
OCL1
(μH) ±20%
FLL2 (μH)
minimum
I
rms
3
(A )
I
sat
4
(A )
DCR (mΩ)
typical @ +20 °C
DCR (mΩ)
maximum @ +20 °C
K-factor5
HCM0703-R15-R
0.15
0.09
26
52
1.9
2.5
1044
HCM0703-R22-R
0.22
0.13
23
40
2.5
2.8
986
HCM0703-R47-R
0.47
0.28
17.5
26
4.0
4.2
580
HCM0703-R68-R
0.68
0.41
15.5
25
5.0
5.5
455
HCM0703-R82-R
0.82
0.49
13
24
6.7
8.0
439
HCM0703- 1R0-R
1.0
0.60
11
22
9.0
10
374
HCM0703- 1R5-R
1.5
0.90
9.0
18
14
15
366
HCM0703- 2R2-R
2.2
1.3
8.0
14
18
20
281
HCM0703- 3R3-R
3.3
2.0
6.0
13.5
28
30
252
HCM0703- 4R7-R
4.7
2.8
5.5
10
37
40
210
HCM0703- 6R8-R
6.8
4.1
4.5
8.0
54
60
151
HCM0703- 8R2-R
8.2
4.9
4.0
7.5
64
68
142
HCM0703- 100-R
10
6.0
3.2
7.0
71
78
132
HCM0703- 150-R
14.9±15%
10.1
2.2
5.0
113
127
105
HCM0703- 220-R
22
14.1
2.3
3.0
135
149
83
HCM0703- 330-R
33
19.8
1.8
2.2
220
242
76
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 V
rms, 0.0 Adc, +25°C.
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 V
rms, Isat, @ +25 °C.
3. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +125 °C under worst case operating
conditions verified in the end application.
4. Isat: Peak current for approximately 20% rolloff at +25 °C.
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (Gauss), K: (K-factor from table), L:
(Inductance in μH), ΔI (Peak to peak ripple current in Amps).
6. Part Number Definition: HCM0703-xxx-R
HCM0703 = Product code and size
-xxx= Inductance value in μH, R = decimal point,
if no R is present then last character equals number of zeros.
“-R” suffix = RoHS compliant
Dimensions (mm)
Part marking: XXX=Inductance value in uH, R= decimal point. If no R is present then last character equals number of zeros.
wly=date code, R=revision level
All soldering surfaces to be coplanar within 0.10 millimeters
Tolerances are ±0.3 millimeters unless stated otherwise
Color: Grey



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com