Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1104-220-R Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # HCM1104-220-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1104-220-R Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  HCM1104-220-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1104-220-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Technical Data 4370
Effective August 2018
HCM1104
High current power inductors
www.eaton.com/electronics
Inductance characteristics
40%
50%
60%
70%
80%
90%
100%
05
10
15
20
25
30
35
Idc(A)
HCM1104-1R5-R
40%
50%
60%
70%
80%
90%
100%
28
00010121416182022242628
I
dc (A)
HCM1104-2R2-R
40%
50%
60%
70%
80%
100%
90%
2
00010
81214168
1
Idc(A)
HCM1104-4R7-R
40%
50%
60%
70%
80%
90%
100%
210
0008
12
146
1
Idc(A)
HCM1104-100-R
40%
50%
60%
70%
80%
90%
100%
0002
I
dc (A)
81012141618202
2
HCM1104-3R3-R
6
4
4
6
4
6
4
6
40%
50%
60%
70%
80%
90%
100%
110%
0246
810
Idc (A)
HCM1104-220-R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com