Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1305-2R2-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HCM1305-2R2-R
Description  High current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1305-2R2-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HCM1305-2R2-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1305-2R2-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.eaton.com/electronics
Technical Data 4371
Effective September 2017
HCM1305
High current power inductors
Dimensions- mm
xxx
wlyy R
Part Marking: xxx = Inductance value in µH, R = decimal point, if no R is present, third character = number of zeros, wlyy = (Date Code), R = (Revision Level)
All soldering surfaces to be coplanar within 0.10 millimeters.
Tolerances are ±0.3 millimeters unless stated otherwise.
Color: Grey.
Do not route traces or vias underneath the inductor
Top View
Side View
Bottom View
Recommended Pad Layout
Schematic
4.0±0.5
2.54±0.3
7.7 typ.
4.9
5.0 max.
8.5 typ.
13.3±0.5
12.2±0.3
3.3
14.2
Packaging information - mm
Supplied in tape and reel packaging, 400 parts per 13” diameter reel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com