Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0703-330-R Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # HCM0703-330-R
Description  High current power inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0703-330-R Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  HCM0703-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM0703-330-R Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technical Data 4085
Effective March 2016
HCM0703
High current power inductors
www.eaton.com/electronics
Inductance characteristics
40%
50%
60%
70%
80%
90%
100%
110%
0246
8101214161820
IDC (A)
HCM0703-3R3-R
40%
50%
60%
70%
80%
90%
100%
110%
0246
8101214161820
IDC (A)
HCM0703-4R7-R
40%
50%
60%
70%
80%
90%
100%
110%
0246
8101214
IDC (A)
HCM0703-6R8-R
40%
50%
60%
70%
80%
90%
100%
110%
02468
10
12
14
IDC (A)
HCM0703-8R2-R
40%
50%
60%
70%
80%
90%
100%
110%
0
246
8101214
IDC (A)
HCM0703-100-R
40%
50%
60%
70%
80%
90%
100%
110%
012345678
910
IDC (A)
HCM0703-150-R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com